Part Number Hot Search : 
74LVC1 TK15414 57160 91X154K 015LC NUB611T TE010 MC451
Product Description
Full Text Search
 

To Download 24HSS1041A-2-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 24HSS1041A-2 LF
Bothhandusa.com
Page : 1/ 1
1000 BASE -T MAGNETICS MODULES P/N: 24HSS1041A-2 LF DATA SHEET
Feature l l l l l l l l
Designed for long haul gigabit Ethernet 1000 BASE-T, full duplex applications. Supports 4 pairs of category UTP-5 cable. Cable interface for isolation and low common mode emissions. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Comply with Air reflow profile of JEDEC 020C. Compliant with IEEE 802.3ab standard for1000 BASE-T. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +125J.
Electrical Specifications @ 25C
Part Number 24HSS1041A-2 LF
Turns Ratio (5%) 1CT:1
OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 350
Cross talk Attenuation (dB Min) 30MHz -45 60MHz -40
100MHz
HI-POT (Vrms)
-35
1500
Continue
Part Number 24HSS1041A-2 LF Insertion Loss (dB Max) 1-100MHz -1.0 1-30MHz -18 Return Loss (dB Min) @ Load 100[ 40MHz -14.4 50MHz -13.1 60-80MHz 100MHz -12 -10 30MHz -43 DCMR (dB Min) 60MHz -37 100MHz -33
Schematic
Mechanical


▲Up To Search▲   

 
Price & Availability of 24HSS1041A-2-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X